Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download MICRO-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .050" staggered cl female on board connector surface mount straight with polarization & latch option mi c r o - 0 1 s erie s 26 aug 10 major league electronics .050 " staggered cl female on board connector - surface mount 0.075" [1.90] 0.138" [3.50] c0.20 0.207" [5.25]0.25 0.287" [7.30]0.25 a0.30 b0.20 0.050" [1.27]0.10 0.098" [2.50] 0.154" [3.90]0.10 0.010" [0.25] 0.268" [6.80] cap 0.106" [2.70] 0.177" [4.50] 0.075" [1.90] 0.197" [5.00]0.25 c0.20 a0.30 b0.20 0.050" [1.27]0.10 0.197" [5.00]0.15 0.100" [2.54]0.10 0.010" [0.25] 0.207" [5.25]0.25 0.287" [7.30]0.25 0.098" [2.50] 0.177" [4.50] 0.268" [6.80] cap recommended p.c. board layout tolerance 0.05 0.205" [5.20] 0.050" [1.27] 0.100" [2.54] 0.098" [2.50] 0.059" [1.50] 1 2 7 8 1 2 7 8 for polarization without latch version with latch version provides latched connection in wire to board application with micro-05 cable connector pins per row xx ordering information 02, 03, 04, 05, 06, 07, 08, 09, 10 xx x locking type 2 = without latch (standard) 1 = with latch packing information tb-p = tube with pick and place pad tr-p = tape and reel with pick and place pad if left blank, packaging at mle's discretion pad may be metal, mylar or plastic lf lead free x micro 01 4235 earnings way, new albany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com specification electrical: rated current: 1.0amp contact resistance: 20m ? max withstand voltage: 500v ac/dc insulation resistance: 1000m ? min operation temperature: -40c to +105c material: contact material: phosphor bronze contact plating: sn over ni insulator material: high temperature plastic pa46 (ul94v-0), red termination: pcb products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice mates with: micro-05 (wire to board), micro-06 (board to board), micro-07 (board to board) with latch version without latch version pins per row dimension qt'y / tube qt'y / t&r pins per row dimension qt'y / tube qt'y / t&r abc abc 2 9.70 3.81 5.60 59 550 2 7.00 3.81 5.60 82 550 3 12.24 6.35 8.14 47 550 3 9.54 6.35 8.14 60 550 4 14.78 8.89 10.68 39 550 4 12.08 8.89 10.68 48 550 5 17.32 11.43 13.22 33 550 5 14.62 11.43 13.22 39 550 6 19.86 13.97 15.76 29 550 6 17.16 13.97 15.76 33 550 7 22.40 16.51 18.30 25 550 7 19.70 16.51 18.30 29 550 8 24.94 19.05 20.84 23 550 8 22.24 19.05 20.84 26 550 9 27.48 21.59 23.38 21 550 9 24.78 21.59 23.38 23 550 10 30.02 24.13 25.92 19 550 10 27.32 24.13 25.92 21 550 latch function does not work in board to board applications, not for use with micro 06 and 07
.050" staggered cl female on board connector surface mount straight with polarization & latch option mi c r o - 0 1 s erie s 26 aug 10 revisions revision b - (12th may 2011) amendment to part numb er for entire series, total pins has been changed to pins per row. therefore micro-xx- 04 is now micro-xx- 02 (4 total pins now equals 2 pins per row in part number). was: total pins 04, 06, 08, 10, 12, 14, 16, 18, 20 now: pins per row 02, 03, 04, 05, 06, 07, 08, 09, 10 4235 earnings way, new albany, indiana, 47150, usa 1-800-782-3486 (usa/canada/mexico) tel: 812-944-7244 fax: 812-944-7268 e-mail: mle@mlelectronics.com web: www.mlelectronics.com products cut to specific sizes are uncancellable/nonreturnable parts are subject to change without notice


▲Up To Search▲   

 
Price & Availability of MICRO-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X